Part Number Hot Search : 
FQA24N50 74LV14N SN68120 SLE4441C 505ZC B75N0 91024 CRO2273A
Product Description
Full Text Search
 

To Download 2SK3842 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SK3842 2009-09-29 1 toshiba field effect transistor s ili con n channel mos type (u-mosiii) 2SK3842 switching regulator applic ations, dc-dc converter and motor drive applications ? low drain-source on resistance: r ds (on) =4.6 m ? (typ.) ? high forward transfer admittance: |y fs | = 93 s (typ.) ? low leakage current: i dss = 100 a (max) (v ds = 60 v) ? enhancement model: v th = 2.0 to 4.0 v (v ds = 10 v, i d = 1 ma) absolute maximum ratings (ta = 25c) characteristics symbol rating unit drain-source voltage v dss 60 v drain-gate voltage (r gs = 20 k ) v dgr 60 v gate-source voltage v gss 20 v dc (note 1) i d 75 drain current pulse(t < = 1 ms) (note 1) i dp 300 a drain power dissipation (tc = 25c) p d 125 w single pulse avalanche energy (note 2) e as 322 mj avalanche current i ar 75 a repetitive avalanche energy (note 3) e ar 12.5 mj channel temperature t ch 150 c storage temperature range t stg ? 55 to150 c note: using continuously under heavy loads (e.g . the application of high temperature/cu rrent/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliabilit y handbook (?handling precautions?/derating concept and methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). thermal characteristics characteristics symbol max unit thermal resistance, channel to case r th (ch-c) 1.0 c/w note 1: ensure that the channel temperature does not exceed 150 . note 2: v dd = 25 v, t ch = 25c (initial), l = 78 h, r g = 25 , i ar = 75 a note 3: repetitive rating: pulse width limited by maximum channel temperature this transistor is an electrostatic-sensitive device. please handle with caution. unit: mm jedec D jeita sc-97 toshiba 2-9f1b weight: 0.74 g (typ.) circuit configuration notice: please use the s1 pin for gate input signal return. make sure that the main current flows into s2 pin. 1 2 3 4
2SK3842 2009-09-29 2 electrical characteristics (note 4) (ta = 25c) characteristics symbol test condition min typ. max unit gate leakage current i gss v gs = 16 v, v ds = 0 v ? ? 10 a drain cut-off current i dss v ds = 60 v, v gs = 0 v ? ? 100 a v (br) dss i d = 10 ma, v gs = 0 v 60 ? ? drain-source breakdown voltage v (br) dsx i d = 10 ma, v gs = ?20 v 35 ? ? v gate threshold voltage v th v ds = 10 v, i d = 1 ma 2.0 ? 4.0 v drain-source on resistance r ds (on) v gs = 10 v, i d = 38 a ? 4.6 5.8 m forward transfer admittance ? y fs ? v ds = 10 v, i d = 38 a 46 93 ? s input capacitance c iss ? 12400 ? reverse transfer capacitance c rss ? 700 ? output capacitance c oss v ds = 10 v, v gs = 0 v, f = 1 mhz ? 1100 ? pf rise time t r ? 18 ? turn-on time t on ? 45 ? fall time t f ? 35 ? switching time turn-off time t off ? 200 ? ns total gate charge (gate-source plus gate-drain) q g ? 196 ? gate-source charge q gs ? 148 ? gate-drain (?miller?) charge q gd v dd ? 48 v, v gs = 10 v, i d = 75 a ? 48 ? nc note 4: connect the s1 and s2 pins together, and gr ound them except during switching time measurement. source-drain ratings and characteristics (note 5) (ta = 25c) characteristics symbol test condition min typ. max unit continuous drain reverse current (note 1, note 5) i dr 1 ? ? ? 75 a pulse drain reverse current (note 1,note 5) i drp 1 ? ? ? 300 a continuous drain reverse current (note 1, note 5) i dr 2 ? ? ? 1 a pulse drain reverse current (note 1,note 5) i drp 2 ? ? ? 4 a forward voltage (diode) v ds2f i dr 1 = 75 a, v gs = 0 v ? ? ?1.7 v reverse recovery time t rr ? 70 ? ns reverse recovery charge q rr i dr = 75 a, v gs = 0 v, di dr /dt = 50 a/ s ? 77 ? nc note 5: current flowing between the drain and t he s1 pin, when open the s2 pin is left open. unless otherwise specified, connect the s1 and s2 pins together, and ground them. marking k3842 lot no. note 4 part no. (or abbreviation code) duty < = 1%, t w = 10 s 0 v 10 v v gs r l = 0.79 v dd ? 30 v i d = 38 a v out 4.7 note 4: a line under a lot no. identifies the indication of product labels. not underlined: [[pb]]/includes > mcv underlined: [[g]]/rohs compatible or [[g]]/rohs [[pb]] please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of product. the rohs is the directive 2002/ 95/ec of the european parliament and of the council of 27 january 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
2SK3842 2009-09-29 3 forward transfer admittance ? y fs ? (s) drain-source voltage v ds (v) drain-source voltage v ds (v) i d ? v ds drain current i d (a) drain-source voltage v ds (v) i d ? v ds drain current i d (a) gate-source voltage v gs (v) i d ? v gs drain current i d (a) gate-source voltage v gs (v) v ds ? v gs drain current i d (a) ? y fs ? ? i d drain current i d (a) r ds (on) ? i d drain-source on resistance r ds (on) (m ) common source v ds = 20 v pulse test 0 160 40 80 120 2 0 10 4 6 8 tc = ? 55c 25 100 0 200 40 120 80 160 1 0 5 23 4 v gs = 4.5 v 5.8 6.3 5.2 5.6 6.0 10 common source tc = 25c pulse test 8.0 5.0 7.0 5.4 0 1.0 0.2 0.6 0.4 0.8 4 0 20 8 12 16 19 common source tc = 25c pulse test 38 i d = 75 a 0 100 20 60 40 80 0.4 0 2.0 0.8 1.2 1.6 common source tc = 25c pulse test v gs = 4.5 v 5.8 5.0 5.2 5.6 7.0 10 6.5 5.4 8.0 6.0 1 1 1000 1000 100 10 10 100 tc = ? 55c 25 100 common source v ds = 20 v pulse test 1 10 10 100 1 1000 100 6.5 common source tc = 25c pulse test v gs = 10 v
2SK3842 2009-09-29 4 drain power dissipation p d (w) gate threshold voltage v th (v) case temperature tc (c) r ds (on) ? tc drain-source on resistance r ds (on) (m ) drain-source voltage v ds (v) i dr ? v ds drain reverse current i dr (a) drain-source voltage v ds (v) capacitance ? v ds capacitance c (pf) case temperature tc (c) v th ? tc case temperature tc (c) p d ? tc drain-source voltage v ds (v) gate-source voltage v gs (v) total gate charge q g (nc) dynamic input/output characteristics 5 1 3 2 4 0 ? 80 0 40 80 120 160 ? 40 common source v ds = 10 v i d = 1 ma pulse test 1 1000 0.4 0 2.0 0.8 1.2 1.6 10 5 1 v gs = 0 v 100 10 common source tc = 25c pulse test 3 0 10 2 6 4 8 ? 80 160 80 0 ? 40 ? 80 160 0 40 120 19 i d = 75 a 38 common source v gs = 10 v pulse test 150 30 90 60 120 0 0 80 120 160 40 20 0 0 240 320 160 80 10 5 20 25 0 15 v gs v ds v dd = 12 v 48v 24v common source i d = 75 a tc = 25c pulse test 50 40 30 100 1000 10000 0.1 1 100 c iss c oss c rss common source v gs = 0 v f = 1 mhz tc = 25c 100000 10 10
2SK3842 2009-09-29 5 r th ? t w safe operating area e as ? t ch drain-source voltage v ds (v) pulse width t w (s) channel temperature (initial) tch (c) normalized transient thermal impedance r th (t) /r th (ch-c) avalanche energy e as (mj) drain current i d (a) 0.3 0.1 3 30 300 1000 1 10 100 i d max (continuous) i d max (pulsed) * dc operation tc = 25c 1 ms * v dss max 100 0.5 10 100 s * *: single nonrepetitive pulse tc = 25c curves must be derated linearly with increase in temperature. 0.1 1 5 500 0 25 100 200 300 500 400 50 75 100 125 150 0.01 10 100 1 m 10 m 100 m 1 10 0.1 1 10 0.01 0.02 0.05 0.1 0.2 duty = 0.5 single pulse t p dm t duty = t/t r th (ch-c) = 1.0c/w r g = 25 v dd = 25 v, l = 78 h ? ? ? ? ? ? ? ? ? ???= v dd b vdss b vdss 2 il 2 1 as test circuit wave form i ar b vdss v dd v ds 0 v 15 v
2SK3842 2009-09-29 6 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively ?toshiba?), reserve the right to make changes to the in formation in this document, and related hardware, software a nd systems (collectively ?product?) without notice. ? this document and any information herein may not be reproduced without prior written permission from toshiba. even with toshiba?s written permission, reproducti on is permissible only if reproducti on is without alteration/omission. ? though toshiba works continually to improve product?s quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situat ions in which a malfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corrupti on. before creating and producing des igns and using, customers mus t also refer to and comply with (a) the latest versions of all re levant toshiba information, including without limitation, this d ocument, the specifications, the data sheets and applic ation notes for product and the precautions and conditions set forth in the ?tosh iba semiconductor reliability handbook? and (b) the instructions for the application that product will be used with or for. custome rs are solely responsible for all aspects of t heir own product design or applications, incl uding but not limited to (a) determining th e appropriateness of the use of this product in such design or applications; (b) evaluating and det ermining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. toshiba assumes no liability for customers? product design or applications. ? product is intended for use in general el ectronics applications (e.g., computers, personal equipment, office equipment, measur ing equipment, industrial robots and home electroni cs appliances) or for specif ic applications as expre ssly stated in this document . product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality a nd/or reliability and/or a malfunction or failure of which may cause lo ss of human life, bodily injury, serious property damage or se rious public impact (?unintended use?). unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic s ignaling equipment, equipment used to control combustions or explosions, safety dev ices, elevators and escalato rs, devices related to el ectric power, and equipment used in finance-related fields. do not use product for unintended use unless specifically permitted in thi s document. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, us e, stockpiling or manufacturing of nuclear , chemical, or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the japanese foreign exchange and foreign trade law and the u.s. expor t administration regulations. ex port and re-export of product or related software or technology are strictly prohibited exc ept in compliance with all applic able export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result o f noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of 2SK3842

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X